|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Numeric Display 2 Digit 11.0 mm (.4") Series Conventional Part No. Global Prat No. Lighting Color Unit: mm 0 19.8 0.35 10.0 10 LN524RAMR ************ LNM224AP01 ********** LN524RKMR ************ LNM224KP01 ********** LN524GAMG *********** LNM324AP01 ********** LN524GKMG *********** LNM324KP01 ********** Terminal Connection Red Red Green Green Assignment Anode e Anode d Anode dp Anode b Anode a Anode g Anode f Common Cathode D2 Common CathodeD1 Anode c 1.0 17.0 11.0 8.5 1.5 2 Cathode d Cathode c Cathode dp Cathode b Cathode a Cathode g Cathode f Common Anode D2 Common Anode D1 10 9 8 a f e g D1 d b c dp D2 4 5 6 7 8 9 10 6.5 0.7 3 5.0 1.0 10 - 0.45 0.1 2.54 2.54 x 6 = 15.24 Lead wire dimension 1 2 3 4 5 6 7 s Absolute Maximum Ratings (Ta = 25C) Lighting Color Red Green IFP PD(mW) 40 40 IF(mA) 15 15 IFP(mA) 80 80 VR(V) 5 5 Topr(C) -25 +80 -25 +80 Tstg(C) -30 +85 -30 +85 duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec s Electro-Optical Characteristics (Ta = 25C) Conventional Part No. LN524RAMR LN524RKMR LN524GAMG LN524GKMG Unit 10000 5000 L LN N52 52 4G 4G AM KM G G Lighting Color Red Red Green Green - Common Anode Cathode Anode Cathode - IO / seg IO /d.p IF Typ Min Typ 5 450 200 150 5 450 200 150 10 1500 500 500 10 1500 500 500 cd cd cd mA VF Typ Max 2.03 2.8 2.03 2.8 2.03 2.8 2.03 2.8 V V P Typ 700 700 565 565 nm Typ 100 100 30 30 nm IF 10 10 10 10 mA IR Max 10 10 10 10 A 1.0 Pin Assignment No. 1 Cathode e 6.0 5.0 2 - 1.4 VR 5 5 5 5 V IO IF 100 50 IF VF 25 IF T a 20 Luminous Intensity Forward Current 3000 30 Forward Current 15 1000 500 300 10 5 3 R AM R 24R M N5 24RK L5 LN 10 5 100 1 3 5 10 30 50 100 1 0 1.6 1.8 2.0 2.2 2.4 0 20 40 60 80 12.7 100 Forward Current Forward Voltage Ambient Temperature 303 |
Price & Availability of LN524RKMR |